PART |
Description |
Maker |
2N6132 2N6101 2N6491 2N6486 2N6487 2N6489 2N6099 2 |
NPN SILICON TRANSISTOR NPN SILICON TRANSISTOR 15 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB (2N6130 - 2N6134) NPN SILICON TRANSISTOR Leaded Power Transistor General Purpose Leaded Power Transistor Darlington
|
http:// ON Semiconductor Central Semiconductor Corp. Advanced Semiconductor CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
STD13003 |
Switching Bipolar Power Transistor |Power Transistor |400V 1.5A 1.2W HFE8~40 开关功率晶体管|功率晶体管| 400V 1.5A的功率为1.2W HFE840 NPN Silicon Power Transistor
|
AUK, Corp. AUK[AUK corp]
|
2SD560 2SD560LB 2SD560MB |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 5A条一(c)| TO - 220AB现有 TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 5A I(C) | TO-220AB NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon power transistor
|
NEC, Corp. NEC Corp.
|
BD180 ON0190 |
POWER TRANSISTOR PNP SILICON CASE 77-09 TO-225AA TYPE From old datasheet system Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
2SD1000 2SD1000-T1 2SD1000-T2 2SD1000-AZ |
700 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
NEC[NEC]
|
2SB736 2SB736A 2SB736-T1B 2SB736A-T1B 2SB736ABW3-T |
BJT 双极型晶体管 AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR(MINI MOLD) Silicon transistor
|
NEC, Corp. NEC[NEC]
|
2SB1261-Z 2SB1261L-Z 2SB1261K-Z 2SB1261M-Z 2SB1261 |
Silicon power transistor PNP SILICON EPITAXIAL TRANSISTOR MP-3 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC Corp.
|
2SC3734 2SC3734-L 2SC3734-T1B 2SC3734-T2B |
Silicon transistor HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
|
NEC[NEC]
|
2SA1463-T2 2SA1463-T1 2SA1463 |
Silicon transistor HIGH SPEED SWITCHING PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
|
NEC
|
ZUMT617 ZUMT617TA ZUMT617-15 |
Transient Voltage Suppressor Diodes Super323? SOT323 NPN SILICON POWER TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR Super323? SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
|
ZETEX PLC Diodes Incorporated http://
|